データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S-7030EC データシート(PDF) 6 Page - Copal Electronics

部品番号 S-7030EC
部品情報  ROTARY CODED SWITCHES (SMD)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COPAL [Copal Electronics]
ホームページ  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

S-7030EC データシート(HTML) 6 Page - Copal Electronics

  S-7030EC Datasheet HTML 1Page - Copal Electronics S-7030EC Datasheet HTML 2Page - Copal Electronics S-7030EC Datasheet HTML 3Page - Copal Electronics S-7030EC Datasheet HTML 4Page - Copal Electronics S-7030EC Datasheet HTML 5Page - Copal Electronics S-7030EC Datasheet HTML 6Page - Copal Electronics S-7030EC Datasheet HTML 7Page - Copal Electronics S-7030EC Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
0
6 – 1.2
2.54
2.54
0
6 – 1.2
2.54
2.54
0
6 – 1.6
2.54
2.54
2.54
0
6 – 1.6
2.54
6 –
0.8
φ
2.54
2.54
6 –
0.8
φ
2.54
2.54
■ RECOMMENDED P.C.B. PAD OUTLINE DIMENSIONS
<Top setting>
O A type
O B type
(Unit: mm)
■ OUTLINE DIMESIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
O S-7060EA (Real code)
O S-7060EB (Real code)
7.2
2.9
2.54
2.54
6 – 0.8
t = 0.15
1
2
C
4
C
1
1
0.6 W
× 2.6 L × 0.6 D
Production date code
7.2
2.9
2.54
2.54
1
2
C
4
C
0.6 W
× 2.6 L × 0.6 D
Production date code
6 – 0.8
t = 0.15
NO
NO
Lead-free ldentification mark
Lead-free ldentification mark
S-7000
ROTARY CODED SWITCHES (SMD)
O B type
<Side setting>
O A type
■ SIZE OF P.C.B. PROCESSING
Operating face
▼
<Top setting>
O C type
<Side setting>
O C type



Html Pages

1 2 3 4 5 6 7 8