データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SSR810P データシート(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

部品番号 SSR810P
部品情報  3-Pin Microprocessor Reset Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
ホームページ  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SSR810P データシート(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SSR810P Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR810P Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR810P Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR810P Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR810P Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR810P Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR810P Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR810P Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR810P Datasheet HTML 9Page - Sangdest Microelectronic (Nanjing) Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Technical Data
3-Pin Microprocessor Reset Circuits
Data Sheet N1589 Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SSR809N
SSR809P/SSR810P
Absolute Maximum Ratings:
VCC ………..................…………………………………………………………………………….-0.3V~6.5V
RESET, R E S E T
————————
………………………...............……………………………………-0.3V ~ (VCC+0.3V)
Input Current (VCC)…………………………………………………………………..................…... 20mA
Output Current (RESET or R E S E T
————————
)………………………...............……………………………20mA
Continuous Power Dissipation (TA = +70°C) ...……………………………………………….. 320mW
Operating Junction Temperature Range ...………………………………………….… –40°C to 85°C
Junction Temperature ………………………………………………………………………………..125°C
Storage Temperature Range ……………………………………………………………..–65°C ~ 150°C
Lead Temperature (Soldering) 10 sec. ……………………………………………………………260°C
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10