| データシートサーチシステム |
|
MF-RHT450 データシート(PDF) 4 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-RHT450 データシート(HTML) 4 Page - Bourns Electronic Solutions |
|
4 / 4 page ![]() h w h f d Reel Upper side Tape Lower side User direction of feed t User direction of feed Cross section A - B p p H H1 Reference plane W0 H0 W1 W A B F D0 P0 I1 I2 L H1 P1 h h h w h f d Reel Upper side Tape Lower side User direction of feed t User direction of feed Cross section A - B p p H H1 Reference plane W0 H0 W1 W A B F D0 P0 I1 I2 L H1 P1 h h IEC EIA Dimensions Dimension Description Mark Mark Dimensions Tolerance Lead spacing: MF-RHT050 ~ MF-RHT750 F F 5.08 -0.2/+0.8 (0.2) (-0.006/+0.031) Lead spacing: MF-RHT1300 F F 10.2 -0.2/+0.8 (0.402) (-0.006/+0.031) Reel width: MF-RHT050 ~ MF-RHT450 w W2 56 max. (2.20) Reel width: MF-RHT650 ~ MF-RHT1300 w W2 63.5 max. (2.50) Reel diameter d a 370.0 max. (14.57) Spacebetweenflangeslessdevice 4.75 ±3.25 W1 h (.187) (±.128) Arbor hole diameter f c 26.0 ±12.0 (1.02) (±.472) Core diameter h n 80.0 max. (3.15) Box 62 355 345 (2.44) (14.0) (13.6) Consecutive missing places 3 max. Emptyplacesperreel Notspecified MF-RHTSeriesTapeandReelSpecifications Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. Taped Component Dimensions - Figure 1 Reel Dimensions - Figure 2 DIMENSIONS: MM (INCHES) |