| データシートサーチシステム |
|
MLX90308CCC データシート(PDF) 22 Page - Micro Electronics |
|
|
|||||||||||||||||||||||||||||
MLX90308CCC データシート(HTML) 22 Page - Micro Electronics |
|
22 / 26 page ![]() MLX90308CCC Programmable Sensor Interface MLX90308CCC Programmable Sensor Interface Page 22 Rev 2.2 23/Oct/01 Prototyping Melexis offers an MLX90308 evaluation kit which contains an evaluation circuit board, serial interface cable, and software diskette. The circuit board provides the necessary circuitry for all three applications circuits shown on the next page. Also included in the circuit board is level shifting and glue logic necessary for RS-232 communications. The board has a socket with a single MLX90308 installed, and direct access to the pins of the IC. The user can easily attach bridge sensor to the board for in-system evaluation. The serial interface cable connects the evaluation board directly to a PC’s serial port for in-system calibration. The software runs in the familiar Windows platform and allows for programming and evaluation of all compensation parameters within the EEPROM. Figure 8. MLX90308 Evaluation Kit with MLX Software |