データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLX90308CCCUD データシート(PDF) 22 Page - Micro Electronics

部品番号 MLX90308CCCUD
部品情報  Programmable Sensor Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICRO-ELECTRONICS [Micro Electronics]
ホームページ  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MLX90308CCCUD データシート(HTML) 22 Page - Micro Electronics

Back Button MLX90308CCCUD Datasheet HTML 18Page - Micro Electronics MLX90308CCCUD Datasheet HTML 19Page - Micro Electronics MLX90308CCCUD Datasheet HTML 20Page - Micro Electronics MLX90308CCCUD Datasheet HTML 21Page - Micro Electronics MLX90308CCCUD Datasheet HTML 22Page - Micro Electronics MLX90308CCCUD Datasheet HTML 23Page - Micro Electronics MLX90308CCCUD Datasheet HTML 24Page - Micro Electronics MLX90308CCCUD Datasheet HTML 25Page - Micro Electronics MLX90308CCCUD Datasheet HTML 26Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
MLX90308CCC
Programmable Sensor Interface
MLX90308CCC Programmable Sensor Interface
Page 22
Rev 2.2
23/Oct/01
Prototyping
Melexis offers an MLX90308 evaluation kit which
contains an evaluation circuit board, serial interface
cable, and software diskette. The circuit board
provides
the
necessary
circuitry
for
all
three
applications circuits shown on the next page. Also
included in the circuit board is level shifting and glue
logic necessary for RS-232 communications.
The board has a socket with a single MLX90308
installed, and direct access to the pins of the IC.
The user can easily attach bridge sensor to the
board for in-system evaluation. The serial interface
cable connects the evaluation board directly to a
PC’s serial port for in-system calibration.
The software runs in the familiar Windows platform
and allows for programming and evaluation of all
compensation parameters within the EEPROM.
Figure 8. MLX90308 Evaluation Kit with MLX Software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26