| データシートサーチシステム |
|
CFWS455CY データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
CFWS455CY データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 2 page ![]() Tel: +44 1460 256 100 Fax: +44 1460 256 101 E-mail: sales@golledge.com Web: www.golledge.com 08 Jun 1998 SM Ceramic Filters CFUCG & SFGCG CFU & CFW Flat Group Delay Models CFUM & CFWM Flat Group Delay Models Model 6dB Attenuation Attenuation Insertion Input/Output Number Bandwidth Bandwidth ±100kHz Loss Impedance (kHz) min (kHz@dB) (dB) min (dB) max (ohms) Surface Mount Ceramic Filters 6.30 (max) 7.50 (max) 4.00 4.00 (max) 6.80 (max) Model 6dB Attenuation Attenuation Insertion Input/Output Number Bandwidth Bandwidth ±100kHz Loss Impedance (kHz) min (kHz@dB) (dB) min (dB) max (ohms) Model 6dB Attenuation Attenuation Insertion Input/Output Number Bandwidth Bandwidth ±100kHz Loss Impedance (kHz) min (kHz@dB) (dB) min (dB) max (ohms) CFUCG CFUCG_X Narrow band Flat group delay SFGCG Model 6dB Attenuation Attenuation Insertion Input/Output Number Bandwidth Bandwidth ±100kHz Loss Impedance (kHz) min (kHz@dB) (dB) min (dB) max (ohms) Model number eg: CFUCG455D SFGCG455DX Suffix -TC denotes T&R (450pcs per reel) eg: CFUCG455D-TC Ordering Information i Types with centre frequency 450kHz also available For safety purposes, connect the output of filters to the IF amplifier through a DC blocking capacitor. Avoid applying a direct current to the output of ceramic filters CFUM455BY ±15.00 ±35.00 40 25 5 1500 CFUM455CY ±12.50 ±30.00 40 25 6 1500 CFUM455DY ±10.00 ±25.00 40 23 7 1500 CFUM455EY ±7.50 ±20.00 40 23 8 1500 CFUM455FY ±6.00 ±17.50 40 23 9 2000 CFUM455GY ±4.50 ±15.00 40 23 10 2000 CFWM455BY ±15.00 ±35.00 50 40 6 1500 CFWM455CY ±12.50 ±30.00 50 40 7 1500 CFWM455DY ±10.00 ±25.00 50 40 8 1500 CFWM455EY ±7.50 ±20.00 50 40 9 1500 CFWM455FY ±6.00 ±17.50 50 40 10 2000 CFWM455GY ±4.50 ±15.00 50 40 11 2000 Model 6dB Attenuation Attenuation Insertion Input/Output Number Bandwidth Bandwidth ±100kHz Loss Impedance (kHz) min (kHz@dB) (dB) min (dB) max (ohms) CFUS455BY ±15.00 ±35.00 40 25 5 1500 CFUS455CY ±12.50 ±30.00 40 25 6 1500 CFUS455DY ±10.00 ±25.00 40 23 7 1500 CFUS455EY ±7.50 ±20.00 40 23 8 1500 CFUS455FY ±6.00 ±17.50 40 23 9 2000 CFUS455GY ±4.50 ±15.00 40 23 10 2000 CFWS455BY ±15.00 ±35.00 50 40 6 1500 CFWS455CY ±12.50 ±30.00 50 40 7 1500 CFWS455DY ±10.00 ±25.00 50 40 8 1500 CFWS455EY ±7.50 ±20.00 50 40 9 1500 CFWS455FY ±6.00 ±17.50 50 40 10 2000 CFWS455GY ±4.50 ±15.00 50 40 11 2000 CFUCG455D ±10.00 ±20.00 40 27 4 1500 CFUCG455E ±7.50 ±15.00 40 27 6 1500 CFUCG455F ±6.00 ±12.50 40 27 6 1500 CFUCG455G ±4.50 ±10.00 40 25 6 1500 CFUCG455EX ±7.50 ±17.50 40 27 6 1500 CFUCG455FX ±6.00 ±15.00 40 27 6 1500 CFUCG455GX ±4.50 ±12.50 40 25 6 1500 CFUCG455HX ±3.00 ±10.00 40 25 7 1500 SFGCG455AX ±17.50 ±40.00 40 25 4 1000 SFGCG455BX ±15.00 ±35.00 40 25 5 1000 SFGCG455CX ±12.50 ±30.00 40 25 6 1000 SFGCG455DX ±10.00 ±25.00 40 23 7 1500 SFGCG455EX ±7.50 ±20.00 40 23 8 1500 |