| データシートサーチシステム |
|
MMBZ27VAL データシート(PDF) 3 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
MMBZ27VAL データシート(HTML) 3 Page - ON Semiconductor |
|
3 / 8 page ![]() Uni−Directional TVS IPP IF V I IR IT VRWM VC VBR VF MMBZ5V6ALT1 Series http://onsemi.com 3 ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) UNIDIRECTIONAL (Circuit tied to Pins 1 and 3 or 2 and 3) Symbol Parameter IPP Maximum Reverse Peak Pulse Current VC Clamping Voltage @ IPP VRWM Working Peak Reverse Voltage IR Maximum Reverse Leakage Current @ VRWM VBR Breakdown Voltage @ IT IT Test Current QVBR Maximum Temperature Coefficient of VBR IF Forward Current VF Forward Voltage @ IF ZZT Maximum Zener Impedance @ IZT IZK Reverse Current ZZK Maximum Zener Impedance @ IZK ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) UNIDIRECTIONAL (Circuit tied to Pins 1 and 3 or Pins 2 and 3) (VF = 0.9 V Max @ IF = 10 mA) 24 WATTS Breakdown Voltage Max Zener Impedance (Note 5) VC @ IPP (Note 6) Device VRWM IR @ VRWM VBR (Note 4) (V) @ IT ZZT @ IZT ZZK @ IZK VC IPP QVBR Device Device Marking Volts mA Min Nom Max mA W W mA V A mV/ 5C MMBZ5V6AL 5A6 3.0 5.0 5.32 5.6 5.88 20 11 1600 0.25 8.0 3.0 1.26 MMBZ6V2AL 6A2 3.0 0.5 5.89 6.2 6.51 1.0 − − − 8.7 2.76 2.80 MMBZ6V8AL 6A8 4.5 0.5 6.46 6.8 7.14 1.0 − − − 9.6 2.5 3.4 MMBZ9V1AL 9A1 6.0 0.3 8.65 9.1 9.56 1.0 − − − 14 1.7 7.5 MMBZ10VAL 10A 6.5 0.3 9.50 10 10.5 1.0 − − − 14.2 1.7 7.5 (VF = 0.9 V Max @ IF = 10 mA) 40 WATTS IR @ Breakdown Voltage VC @ IPP (Note 6) Device VRWM IR @ VRWM VBR (Note 4) (V) @ IT VC IPP QVBR Device Device Marking Volts nA Min Nom Max mA V A mV/ 5C MMBZ12VAL 12A 8.5 200 11.40 12 12.60 1.0 17 2.35 7.5 MMBZ15VAL 15A 12 50 14.25 15 15.75 1.0 21 1.9 12.3 MMBZ18VAL 18A 14.5 50 17.10 18 18.90 1.0 25 1.6 15.3 MMBZ20VAL 20A 17 50 19.00 20 21.00 1.0 28 1.4 17.2 MMBZ27VAL 27A 22 50 25.65 27 28.35 1.0 40 1.0 24.3 MMBZ33VAL 33A 26 50 31.35 33 34.65 1.0 46 0.87 30.4 4. VBR measured at pulse test current IT at an ambient temperature of 25°C. 5. ZZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits are for IZ(AC) = 0.1 IZ(DC), with the AC frequency = 1.0 kHz. 6. Surge current waveform per Figure 5 and derate per Figure 6 |