| データシートサーチシステム |
|
PC87373 データシート(PDF) 26 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87373 データシート(HTML) 26 Page - National Semiconductor (TI) |
|
26 / 174 page ![]() 1.0 Signal/Pin Connection and Description (Continued) 26 www.national.com Revision 1.1 SLCT 33 VDD3 PD120 SLIN_ASTRB 47 VDD3 PU440 STB_WRITE 51 VDD3 PU440 Keyboard and Mouse Controller (KBC) KBRST 7 VDD3 PU30 GA20 5 VDD3 PU30 System Wake-Up Control (SWC) SIOPME 99 VSB3 PU30 Programmable1 Game Port (GMP) JYABT0 113 VDD3 PU30 Programmable2 JYABT1 114 VDD3 PU30 Programmable2 JYBBT0 115 VDD3 PU30 Programmable2 JYBBT1 116 VDD3 PU30 Programmable2 Musical Instrument Digital Interface (MIDI) Port MDRX 90 VDD3 PU30 Programmable2 General-Purpose Input/Output (GPIO) Ports GPIOE00-07 106-103, 108, 109, 111, 112 VSB3 PU30 Programmable2 GPIOE10-13 116, 114, 115, 113 VSB3 PU30 Programmable2 GPIO14 101 VSB3 PU30 Programmable2 Glue Functions PWRGD_PS 82 VSB3 PU90 CPU_PRESENT 83 VSB3 PU90 FPRST 75 VSB3 PU90 PRIMARY_HD 67 VDD3 PU90 SECONDARY_HD 68 VDD3 PU90 SCSI 69 VDD3 PU90 Strap Configuration BADDR 30 VDD3 PU30 Strap3 TRIS 26 VDD3 PU30 Strap3 TEST 27 VDD3 PU30 Strap3 1. Enabled only when the OD6 buffer type is selected (OD6 is the default at reset). 2. Default at reset: disabled. 3. Active only during VDD Power-Up reset. Table 3. Internal Pull-Up and Pull-Down Resistors (Continued) Signal Pin(s) Power Well Type Comments |