| データシートサーチシステム |
|
TCM811MERC データシート(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TCM811MERC データシート(HTML) 3 Page - Microchip Technology |
|
3 / 14 page ![]() 2002 Microchip Technology Inc. DS21615B-page 3 TCM811/TCM812 MR Input Threshold VIH VIL 2.3 — — — — 0.8 VV DD > V TH(MAX), TCM81_L/M VIH VIL 0.7 V DD — — — — 0.25 V DD VV DD > V TH(MAX), TCM81_R/S/T/F MR Pull-up Resistance 10 20 40 k Ω RESET Output Voltage Low (TCM811) VOL — — 0.3 V TCM811R/S/T only; I SINK = 1.2 mA, VDD = VTH (MIN) — — 0.4 V TCM811F only; I SINK = 500 µA, VDD = VTH (MIN) — — 0.3 V TCM811L/M only; I SINK = 3.2 mA, VDD = VTH (MIN) I SINK = 3.2 mA, VDD = VTH (MIN) RESET Output Voltage High (TCM811) VOH 0.8 V DD — — V TCM811R/S/T/F only; I SOURCE = 500 µA, VDD > VTH (MAX) V DD - 1.5 — — V TCM811L/M only; I SOURCE = 800 µA, VDD > VTH (MAX) RESET Output Voltage Low (TCM812) VOL — — 0.2 V TCM812F only, I SINK = 500 µA, V DD = V TH(MAX) — — 0.3 TCM812R/S/T only, I SINK = 1.2 mA, V DD = V TH(MAX) — — 0.4 TCM812L/M only, I SINK = 1.2 mA, V DD = V TH(MAX) RESET Output Voltage High (TCM812) VOH 0.8 V DD —— V I SOURCE = 150 µA, VDD ≤ V TH(MIN) V DD = 5V for L/M versions, VDD = 3.3V for T/S versions, VDD = 3V for R version, VDD = 2.0V for F version. TA = –40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C. (Note 1) Parameters Sym Min Typ Max Units Conditions Note 1: Production testing done at TA = +25°C and +85°C, over temperature limits are tested with periodic QA tests in production. |