| データシートサーチシステム |
|
TCM811TERC データシート(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TCM811TERC データシート(HTML) 8 Page - Microchip Technology |
|
8 / 14 page ![]() TCM811/TCM812 DS21615B-page 8 2002 Microchip Technology Inc. 4.2 Package Dimensions .055 (1.40) .047 (1.20) .080 (2.03) .070 (1.78) .079 (2.00) .071 (1.80) .098 (2.50) .083 (2.10) .040 (1.02) .031 (0.79) .004 (0.10) .001 (0.02) .120 (3.05) .105 (2.67) .037 (0.94) .030 (0.77) .021 (0.54) .015 (0.38) .006 (0.15) .004 (0.09) .010 (0.25) .005 (0.13) 8 MAX. Component Taping Orientation for 4-Pin SOT-143 Devices PIN 1 Device Marking User Direction of Feed Standard Reel Component Orientation for TR Suffix Device (Mark Right Side Up) W P Carrier Tape, Number of Components Per Reel and Reel Size: Package Carrier Width (W) Pitch (P) Part Per Full Reel Reel Size 4-Pin SOT-143 8 mm 4 mm 3000 7 in. |