データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

8P34S2108NLGI データシート(PDF) 12 Page - Integrated Device Technology

部品番号 8P34S2108NLGI
部品情報  Dual 1:8 LVDS Output 1.8V Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

8P34S2108NLGI データシート(HTML) 12 Page - Integrated Device Technology

Back Button 8P34S2108NLGI Datasheet HTML 8Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 9Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 10Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 11Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 12Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 13Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 14Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 15Page - Integrated Device Technology 8P34S2108NLGI Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
©2016 Integrated Device Technology, Inc.
October 20, 2016
8P34S2108 Datasheet
1.8V Differential Clock Input Interface
The CLK /nCLK accepts LVDS, LVPECL and other differential signals. The differential input signal must meet both the VPP and VCMR
input requirements. Figure 4 to Figure 6 show interface examples for the CLK /nCLK input driven by the most common driver types. The
input interfaces suggested here are examples only. If the driver is from another vendor, use their termination recommendation. Please
consult with the vendor of the driver component to confirm the driver termination requirements.
Figure 4. Differential Input Driven by an LVDS Driver - DC Coupling
Figure 5. Differential Input Driven by an LVDS Driver - AC Coupling
Figure 6. Differential Input Driven by an LVPECL Driver - AC Coupling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20