| データシートサーチシステム |
|
DB3 データシート(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
DB3 データシート(HTML) 4 Page - STMicroelectronics |
|
4 / 5 page ![]() DB3 DB4 SMDB3 4/5 10 20 50 100 200 500 0 5 10 15 20 25 30 35 40 C(nF) tp(µs) Tj=25°C 0 Ω 10 Ω 22 Ω 68 Ω 47 Ω 33 Ω Fig. 3: Time duration while current pulse is higher 50mA versus C and Rs (typical values). PACKAGE MECHANICAL DATA (in millimeters) DO-35 REF. DIMENSIONS Millimeters Inches Min. Max. Min. Max. A 3.05 4.50 0.120 0.177 B 1.53 2.00 0.060 0.079 C 28.00 1.102 D 0.458 0.558 0.018 0.022 CA B O / O / D O / D C 25 50 75 100 125 0.80 0.85 0.90 0.95 1.00 1.05 1.10 Tj(°C) VBO [Tj] / VBO [Tj=25°C] SMDB3 DB3/DB4 Fig. 1: Relative variation of VBO versus junction temperature (typical values). 1 10 100 0.1 1.0 10.0 20.0 tp(µs) ITRM(A) SMDB3 DB3/DB4 F=120Hz Tj initial=25°C Fig. 2: Repetitive peak pulse current versus pulse duration (maximum values). |