| データシートサーチシステム |
|
MCP19035T-BAABE/MF データシート(PDF) 35 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP19035T-BAABE/MF データシート(HTML) 35 Page - Microchip Technology |
|
35 / 44 page ![]() 2012-2013 Microchip Technology Inc. DS22326B-page 35 MCP19035 7.0 PACKAGING INFORMATION 7.1 Package Marking Information Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note : In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e Part Number Code MCP19035-AAAAE/MF BAFG MCP19035T-AAAAE/MF BAFG MCP19035-AAABE/MF BAFP MCP19035T-AAABE/MF BAFP MCP19035-BAAAE/MF BAFH MCP19035T-BAAAE/MF BAFH MCP19035-BAABE/MF BAFQ MCP19035T-BAABE/MF BAFQ BAFG 1209 256 10-Lead DFN (3x3x0.9 mm) Example: |