データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EB2-12SNUL-R データシート(PDF) 7 Page - NEC

部品番号 EB2-12SNUL-R
部品情報  COMPACT AND LIGHT WEIGHT SURFACE MOUNTING TYPE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

EB2-12SNUL-R データシート(HTML) 7 Page - NEC

  EB2-12SNUL-R Datasheet HTML 1Page - NEC EB2-12SNUL-R Datasheet HTML 2Page - NEC EB2-12SNUL-R Datasheet HTML 3Page - NEC EB2-12SNUL-R Datasheet HTML 4Page - NEC EB2-12SNUL-R Datasheet HTML 5Page - NEC EB2-12SNUL-R Datasheet HTML 6Page - NEC EB2-12SNUL-R Datasheet HTML 7Page - NEC EB2-12SNUL-R Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
EB2 SERIES
DATA SHEET ER0016EJ5V0DS00
SOLDERING CONDITION
Time
Time
T max.; 215
T max.; 235
200 max.
165 max.
100 max.
200
IRS Method
VPS Method
Note:
1. Temperature profile shows printed circuit board surface temperature on the relay terminal portion.
2. Check the actual soldering condition to use other method except above mentioned temperature profiles.
175
150
60sec.max.
90 sec. max.
60 sec.
200 sec.
80 sec.
30 sec.
TUBE PACKAGE
Rubber stopper (Red)
Rubber stopper (Green)
Index Mark
586
±1
( ) Reference
Outline of Package
Dimension of Package (Unit : mm)
40 pieces / Tube
Material : Polyvinyl chloride
(anti-static treated)
13.7
± 0.3
(4.5)



Html Pages

1 2 3 4 5 6 7 8