| データシートサーチシステム |
|
GL600USB-A データシート(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
GL600USB-A データシート(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 38 page ![]() 4 06/19/2000 GL600USB/GL600USB-A/GL600USB-B Revision 1.3 1 FEATURES • Low-cost solution forlow-speed USB mouse • 8-bit micro-controller − Operation Speed: DC to 6MHz clock input − Performance: 3 MIPS @ 6MHz − Single cycle instruction execution − RISC-like architecture − USB optimized instruction set • USB Specification Compliance − Conforms to USB 1.5Mbps Specification, Version 1.1 − Conforms to USB HID Class Specification, Version 1.1 − Supports 1 device address and 2 endpoints (include endpoint 0) • I/O ports − Up to 13(GL600USB)/11(GL600USB-A)/9(GL600USB-B) general purpose I/O pins (OTP type is less a GPIO pin than mask type) − Internal RC clock to wakeup periodically (about 500ms) when suspend − Up to 8(GL600USB)/6(GL600USB-A)/4(GL600USB-B) special purpose I/O pins optimized for photo-sensor (Internal build in 4 bits ADC) − Up to 2 I/O pins with large current drive capability to drive LED (Sink current up to 16 mA) • Internal memory − 64 bytes of RAM (special purpose register is not included) − 1.75K x 14 of program ROM • Integrated USB transceiver • Patented full-range detection for photo-sensor − Removes the expensive process of matching LED and photo-sensor • On-chip 3.3v output − No external regulator required • Improved output drivers with slew-rate control to reduce EMI • 6 MHz external clock • Internal power-on reset(POR) • Internal power-fail detector • Supports suspend/normal mode power management − Suspend current lower than 400µA for whole mouse system (mask type) • 8-bits free-running timer • Available in cost saving 20-pin(GL600USB) PDIP, 18-pin(GL600USB-A) PDIP and 16- pin(GL600USB-B) PDIP |