データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KTY82-252 データシート(PDF) 12 Page - NXP Semiconductors

部品番号 KTY82-252
部品情報  Silicon temperature sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KTY82-252 データシート(HTML) 12 Page - NXP Semiconductors

Back Button KTY82-252 Datasheet HTML 8Page - NXP Semiconductors KTY82-252 Datasheet HTML 9Page - NXP Semiconductors KTY82-252 Datasheet HTML 10Page - NXP Semiconductors KTY82-252 Datasheet HTML 11Page - NXP Semiconductors KTY82-252 Datasheet HTML 12Page - NXP Semiconductors KTY82-252 Datasheet HTML 13Page - NXP Semiconductors KTY82-252 Datasheet HTML 14Page - NXP Semiconductors KTY82-252 Datasheet HTML 15Page - NXP Semiconductors KTY82-252 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
1998 Mar 26
12
Philips Semiconductors
Product specification
Silicon temperature sensors
KTY82-2 series
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data Sheet Status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16