| データシートサーチシステム |
|
ZXMC3AM832TA データシート(PDF) 4 Page - Zetex Semiconductors |
|
|
|||||||||||||||||||||||||||||
ZXMC3AM832TA データシート(HTML) 4 Page - Zetex Semiconductors |
|
4 / 10 page ![]() ZXMC3AM832 PROVISIONAL ISSUE E - JULY 2004 4 PARAMETER SYMBOL MIN. TYP. MAX. UNIT CONDITIONS STATIC Drain-Source Breakdown Voltage V(BR)DSS 30 V ID=250µA, VGS=0V Zero Gate Voltage Drain Current IDSS 0.5 µA VDS=30V, VGS=0V Gate-Body Leakage IGSS 100 nA VGS=±20V, VDS=0V Gate-Source Threshold Voltage VGS(th) 1V I D =250 µA, VDS=VGS Static Drain-Source On-State Resistance (1) RDS(on) 0.106 0.12 0.18 Ω Ω VGS=10V, ID=2.5A VGS=4.5V, ID=2.0A Forward Transconductance (1)(3) gfs 3.5 S VDS=4.5V,ID=2.5A DYNAMIC (3) Input Capacitance Ciss 190 pF VDS=25V,VGS=0V, f=1MHz Output Capacitance Coss 38 pF Reverse Transfer Capacitance Crss 20 pF SWITCHING (2) (3) Turn-On Delay Time td(on) 1.7 ns VDD =15V, ID=2.5A RG=6.0Ω,VGS=10V Rise Time tr 2.3 ns Turn-Off Delay Time td(off) 6.6 ns Fall Time tf 2.9 ns Gate Charge Qg 2.3 nC VDS=15V,VGS=5V, ID=2.5A Total Gate Charge Qg 3.9 nC VDS=15V,VGS=10V, ID=2.5A Gate-Source Charge Qgs 0.6 nC Gate-Drain Charge Qgd 0.9 nC SOURCE-DRAIN DIODE Diode Forward Voltage (1) VSD 0.85 0.95 V TJ=25°C, IS=1.7A, VGS=0V Reverse Recovery Time (3) trr 17.7 ns TJ=25°C, IF=2.5A, di/dt= 100A/ µs Reverse Recovery Charge (3) Qrr 13.0 nC N-CHANNEL ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated) NOTES (1) Measured under pulsed conditions. Width ≤300µs. Duty cycle ≤ 2% . (2) Switching characteristics are independent of operating junction temperature. (3) For design aid only, not subject to production testing. |