| データシートサーチシステム |
|
831752AGILFT データシート(PDF) 13 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
831752AGILFT データシート(HTML) 13 Page - Integrated Device Technology |
|
13 / 18 page ![]() 13 ©2016 Integrated Device Technology, Inc Revision B June 28, 2016 831752 Data Sheet PCI Express Application Note. For PCI Express Gen 3, one transfer function is defined and the evaluation is performed over the entire spectrum. The transfer function parameters are different from Gen 1 and the jitter result is reported in RMS. PCIe Gen 3 Magnitude of Transfer Function For a more thorough overview of PCI Express jitter analysis methodology, please refer to IDT Application Note PCI Express Reference Clock Requirements. |