データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LIS3MDL データシート(PDF) 15 Page - STMicroelectronics

部品番号 LIS3MDL
部品情報  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3MDL データシート(HTML) 15 Page - STMicroelectronics

Back Button LIS3MDL Datasheet HTML 11Page - STMicroelectronics LIS3MDL Datasheet HTML 12Page - STMicroelectronics LIS3MDL Datasheet HTML 13Page - STMicroelectronics LIS3MDL Datasheet HTML 14Page - STMicroelectronics LIS3MDL Datasheet HTML 15Page - STMicroelectronics LIS3MDL Datasheet HTML 16Page - STMicroelectronics LIS3MDL Datasheet HTML 17Page - STMicroelectronics LIS3MDL Datasheet HTML 18Page - STMicroelectronics LIS3MDL Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
DocID024204 Rev 4
15/33
LIS3MDL
Application hints
4.3
High-current wiring effects
High current in wiring and printed circuit traces can cause errors in magnetic field
measurements for compassing.
Conductor-generated magnetic fields will add to the Earth’s magnetic field, causing errors in
compass heading computation.
Keep currents higher than 10 mA a few millimeters away from the sensor IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33