| データシートサーチシステム |
|
LDK220M50R データシート(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LDK220M50R データシート(HTML) 4 Page - STMicroelectronics |
|
4 / 28 page ![]() Pin configuration LDK220 4/28 DocID026015 Rev 4 2 Pin configuration Figure 3: Pin connections (top view) Table 1: Pin description (SOT23-5L, SOT323-5L) Pin n° Symbol Function 1 IN Input voltage of the LDO 2 GND Common ground 3 EN Enable pin logic input: low = shutdown, high = active 4 ADJ/NC Adjustable pin on ADJ version, not connected on fixed version 5 OUT Output voltage of the LDO Table 2: Pin description (DFN6) Pin n° Symbol Function 1 OUT Output voltage of the LDO 2 N/C Not connected 3 ADJ/NC Adjustable pin on ADJ version, not connected in fixed version 4 EN Enable pin logic input: low = shutdown, high = active 5 GND Common ground 6 IN Input voltage of the LDO Table 3: Pin description (SOT-89) Pin n° (1) Symbol Function 1 OUT Output voltage of the LDO 2 GND Common ground 3 IN Input voltage of the LDO Notes: (1) Adjustable version and enable pin are not available on the SOT-89 package. |