データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LDL112D30R データシート(PDF) 18 Page - STMicroelectronics

部品番号 LDL112D30R
部品情報  1.2 A low quiescent current LDO with reverse current protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDL112D30R データシート(HTML) 18 Page - STMicroelectronics

Back Button LDL112D30R Datasheet HTML 14Page - STMicroelectronics LDL112D30R Datasheet HTML 15Page - STMicroelectronics LDL112D30R Datasheet HTML 16Page - STMicroelectronics LDL112D30R Datasheet HTML 17Page - STMicroelectronics LDL112D30R Datasheet HTML 18Page - STMicroelectronics LDL112D30R Datasheet HTML 19Page - STMicroelectronics LDL112D30R Datasheet HTML 20Page - STMicroelectronics LDL112D30R Datasheet HTML 21Page - STMicroelectronics LDL112D30R Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Package information
LDL112
18/32
DocID026319 Rev 2
Figure 30: DFN6 (3x3) reel outline
Table 7: DFN6 (3x3) tape and reel mechanical data
Dim.
mm
Min.
Typ.
Max.
A0
3.20
3.30
3.40
B0
3.20
3.30
3.40
K0
1
1.10
1.20
7875978_N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32