データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L011D4 データシート(PDF) 9 Page - STMicroelectronics

部品番号 STM32L011D4
部品情報  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L011D4 データシート(HTML) 9 Page - STMicroelectronics

Back Button STM32L011D4 Datasheet HTML 5Page - STMicroelectronics STM32L011D4 Datasheet HTML 6Page - STMicroelectronics STM32L011D4 Datasheet HTML 7Page - STMicroelectronics STM32L011D4 Datasheet HTML 8Page - STMicroelectronics STM32L011D4 Datasheet HTML 9Page - STMicroelectronics STM32L011D4 Datasheet HTML 10Page - STMicroelectronics STM32L011D4 Datasheet HTML 11Page - STMicroelectronics STM32L011D4 Datasheet HTML 12Page - STMicroelectronics STM32L011D4 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 115 page
background image
Introduction
STM32L011x3/4
9/115
DocID027973 Rev 4
1
Introduction
The ultra-low-power STM32L011x3/4 family includes devices in 7 different package types
from 14 to 32 pins. The description below gives an overview of the complete range of
peripherals proposed in this family.
These features make the ultra-low-power STM32L011x3/4 microcontrollers suitable for a
wide range of applications:
•
Gas/water meters and industrial sensors
•
Healthcare and fitness equipment
•
Remote control and user interface
•
PC peripherals, gaming, GPS equipment
•
Alarm system, wired and wireless sensors, video intercom
This STM32L011x3/4 datasheet should be read in conjunction with the STM32L0x1
reference manual (RM0377).
For information on the ARM® Cortex®-M0+ core please refer to the Cortex®-M0+ Technical
Reference Manual, available from the www.arm.com website.
Figure 1 shows the general block diagram of the device family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More