データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L052K6 データシート(PDF) 9 Page - STMicroelectronics

部品番号 STM32L052K6
部品情報  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash memory, 8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L052K6 データシート(HTML) 9 Page - STMicroelectronics

Back Button STM32L052K6 Datasheet HTML 5Page - STMicroelectronics STM32L052K6 Datasheet HTML 6Page - STMicroelectronics STM32L052K6 Datasheet HTML 7Page - STMicroelectronics STM32L052K6 Datasheet HTML 8Page - STMicroelectronics STM32L052K6 Datasheet HTML 9Page - STMicroelectronics STM32L052K6 Datasheet HTML 10Page - STMicroelectronics STM32L052K6 Datasheet HTML 11Page - STMicroelectronics STM32L052K6 Datasheet HTML 12Page - STMicroelectronics STM32L052K6 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 136 page
background image
DocID025936 Rev 6
9/136
STM32L052x6 STM32L052x8
36
1
Introduction
The ultra-low-power STM32L052x6/8 are offered in 6 different package types: from 32 pins
to 64 pins. Depending on the device chosen, different sets of peripherals are included, the
description below gives an overview of the complete range of peripherals proposed in this
family.
These features make the ultra-low-power STM32L052x6/8 microcontrollers suitable for a
wide range of applications:
Gas/water meters and industrial sensors
Healthcare and fitness equipment
Remote control and user interface
PC peripherals, gaming, GPS equipment
Alarm system, wired and wireless sensors, video intercom
This STM32L052x6/8 datasheet should be read in conjunction with the STM32L0x2xx
reference manual (RM0376).
For information on the ARM® Cortex®-M0+ core please refer to the Cortex®-M0+ Technical
Reference Manual, available from the www.arm.com website.
Figure 1 shows the general block diagram of the device family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More