データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L052R6 データシート(PDF) 113 Page - STMicroelectronics

部品番号 STM32L052R6
部品情報  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash memory, 8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L052R6 データシート(HTML) 113 Page - STMicroelectronics

Back Button STM32L052R6 Datasheet HTML 109Page - STMicroelectronics STM32L052R6 Datasheet HTML 110Page - STMicroelectronics STM32L052R6 Datasheet HTML 111Page - STMicroelectronics STM32L052R6 Datasheet HTML 112Page - STMicroelectronics STM32L052R6 Datasheet HTML 113Page - STMicroelectronics STM32L052R6 Datasheet HTML 114Page - STMicroelectronics STM32L052R6 Datasheet HTML 115Page - STMicroelectronics STM32L052R6 Datasheet HTML 116Page - STMicroelectronics STM32L052R6 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 136 page
background image
DocID025936 Rev 6
113/136
STM32L052x6 STM32L052x8
130
Device marking for LQFP64
The following figure gives an example of topside marking versus pin 1 position identifier
location.
Figure 41. LQFP64 marking example (package top view)
1. Parts marked as “ES”, “E” or accompanied by an Engineering Sample notification letter, are not yet
qualified and therefore not yet ready to be used in production and any consequences deriving from such
usage will not be at ST charge. In no event, ST will be liable for any customer usage of these engineering
samples in production. ST Quality has to be contacted prior to any decision to use these Engineering
samples to run qualification activity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More