データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L052R6 データシート(PDF) 46 Page - STMicroelectronics

部品番号 STM32L052R6
部品情報  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash memory, 8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L052R6 データシート(HTML) 46 Page - STMicroelectronics

Back Button STM32L052R6 Datasheet HTML 42Page - STMicroelectronics STM32L052R6 Datasheet HTML 43Page - STMicroelectronics STM32L052R6 Datasheet HTML 44Page - STMicroelectronics STM32L052R6 Datasheet HTML 45Page - STMicroelectronics STM32L052R6 Datasheet HTML 46Page - STMicroelectronics STM32L052R6 Datasheet HTML 47Page - STMicroelectronics STM32L052R6 Datasheet HTML 48Page - STMicroelectronics STM32L052R6 Datasheet HTML 49Page - STMicroelectronics STM32L052R6 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 136 page
background image
Pin descriptions
STM32L052x6 STM32L052x8
46/136
DocID025936 Rev 6
-
-
-
-
54
B5
PD2
I/O
FT
-
LPUART1_RTS_DE
-
26
26
B3
39
55
A5
PB3
I/O
FT
-
SPI1_SCK,
TIM2_CH2,
TSC_G5I_O1,
EVENTOUT
COMP2_INN
27
27
A3
40
56
A4
PB4
I/O
FT
-
SPI1_MISO,
EVENTOUT,
TSC_G5_IO2,
TIM22_CH1
COMP2_INP
28
28
C4
41
57
C4
PB5
I/O
FT
-
SPI1_MOSI,
LPTIM1_IN1,
I2C1_SMBA,
TIM22_CH2
COMP2_INP
29
29
B4
42
58
D3
PB6
I/O
FTf
-
USART1_TX,
I2C1_SCL,
LPTIM1_ETR,
TSC_G5_IO3
COMP2_INP
30
30
A4
43
59
C3
PB7
I/O
FTf
-
USART1_RX,
I2C1_SDA,
LPTIM1_IN2,
TSC_G5_IO4
COMP2_INP,
PVD_IN
31
31
C5
44
60
B4
BOOT0
B
-
-
-
-
-
32
B5
45
61
B3
PB8
I/O
FTf
-
TSC_SYNC,
I2C1_SCL
-
-
-
-
46
62
A3
PB9
I/O
FTf
-
EVENTOUT,
I2C1_SDA,
SPI2_NSS/I2S2_WS
-
32
-
D6
47
63
D4
VSS
S
-
-
-
-
1
1
A5
48
64
E4
VDD
S
-
-
-
-
1. PB9/12/13/14/15, PH0/1 and PC13 GPIOs should be configured as output and driven Low, even if they are not available on
this package.
2. PA4 offers a reduced touch sensing sensitivity. It is thus recommended to use it as sampling capacitor I/O.
3. These pins are powered by VDD_USB. For all characteristics that refer to VDD, VDD_USB must be used instead.
Table 16. STM32L052x6/8 pin definitions (continued)
Pin Number
Pin name
(function after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More