| データシートサーチシステム |
|
STM32L073CZ データシート(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L073CZ データシート(HTML) 48 Page - STMicroelectronics |
|
48 / 139 page ![]() Pin descriptions STM32L073xx 48/139 DocID027096 Rev 3 - - - 85 B7 PD4 I/O FT - USART2_RTS_DE, SPI2_MOSI/I2S2_SD - - - - 86 A6 PD5 I/O FT - USART2_TX - - - - 87 B6 PD6 I/O FT - USART2_RX - - - - 88 A5 PD7 I/O FT - USART2_CK, TIM21_CH2 - 39 55 A5 89 A8 PB3 I/O FT - SPI1_SCK, LCD_SEG7, TIM2_CH2, TSC_G5_IO1, EVENTOUT, USART1_RTS_DE, USART5_TX COMP2_INM 40 56 A4 90 A7 PB4 I/O FTf - SPI1_MISO, LCD_SEG8, TIM3_CH1, TSC_G5_IO2, TIM22_CH1, USART1_CTS, USART5_RX, I2C3_SDA COMP2_INP 41 57 C4 91 C5 PB5 I/O FT - SPI1_MOSI, LCD_SEG9, LPTIM1_IN1, I2C1_SMBA, TIM3_CH2/TIM22_CH2, USART1_CK, USART5_CK/USART5_ RTS COMP2_INP 42 58 D3 92 B5 PB6 I/O FTf - USART1_TX, I2C1_SCL, LPTIM1_ETR, TSC_G5_IO3 COMP2_INP 43 59 C3 93 B4 PB7 I/O FTf - USART1_RX, I2C1_SDA, LPTIM1_IN2, TSC_G5_IO4, USART4_CTS COMP2_INP, PVD_IN 44 60 B4 94 A4 BOOT0 I - - - 45 61 B3 95 A3 PB8 I/O FTf - LCD_SEG16, TSC_SYNC, I2C1_SCL - 46 62 A3 96 B3 PB9 I/O FTf - LCD_COM3, EVENTOUT, I2C1_SDA, SPI2_NSS/I2S2_WS - - - - 97 C3 PE0 I/O FT - LCD_SEG36, EVENTOUT - - - - 98 A2 PE1 I/O FT - LCD_SEG37, EVENTOUT - Table 16. STM32L073xx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |