| データシートサーチシステム |
|
STM32L083CZ データシート(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L083CZ データシート(HTML) 42 Page - STMicroelectronics |
|
42 / 139 page ![]() Pin descriptions STM32L083xx 42/139 DocID027070 Rev 3 Pin functions Alternate functions Functions selected through GPIOx_AFR registers Additional functions Functions directly selected/enabled through peripheral registers Table 15. Legend/abbreviations used in the pinout table (continued) Name Abbreviation Definition Table 16. STM32L083xx pin definition Pin number Pin name (function after reset) Alternate functions Additional functions - - - 1 B2 PE2 I/O FT - LCD_SEG38, TIM3_ETR - - - - 2 A1 PE3 I/O FT - TIM22_CH1, LCD_SEG39, TIM3_CH1 - - - - 3 B1 PE4 I/O FT - TIM22_CH2, TIM3_CH2 - - - - 4 C2 PE5 I/O FT - TIM21_CH1, TIM3_CH3 - - - - 5 D2 PE6 I/O FT - TIM21_CH2, TIM3_CH4 RTC_TAMP3/WKUP3 11 B2 6 E2 VLCD S - - 2 2 A2 7 C1 PC13 I/O FT - - RTC_TAMP1/RTC_TS/ RTC_OUT/WKUP2 33 A1 8 D1 PC14- OSC32_IN (PC14) I/O FT - - OSC32_IN 44 B1 9 E1 PC15- OSC32_OUT (PC15) I/O TC - - OSC32_OUT - - - 10 F2 PH9 I/O FT - - - - - - 11 G2 PH10 I/O FT - - - 55 C1 12 F1 PH0-OSC_IN (PH0) I/O TC - USB_CRS_SYNC OSC_IN 66 D1 13 G1 PH1- OSC_OUT (PH1) I/O TC - - OSC_OUT 7 7 E1 14 H2 NRST I/O - - - - |