| データシートサーチシステム |
|
STM32L083xB データシート(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L083xB データシート(HTML) 46 Page - STMicroelectronics |
|
46 / 139 page ![]() Pin descriptions STM32L083xx 46/139 DocID027070 Rev 3 - - - 56 K8 PD9 I/O FT - LPUART1_RX, LCD_SEG29 - - - - 57 J12 PD10 I/O FT - LCD_SEG30 - - - - 58 J11 PD11 I/O FT - LPUART1_CTS, LCD_SEG31 - - - - 59 J10 PD12 I/O FT - LPUART1_RTS_DE, LCD_SEG32 - - - - 60 H12 PD13 I/O FT - LCD_SEG33 - - - - 61 H11 PD14 I/O FT - LCD_SEG34 - - - - 62 H10 PD15 I/O FT - USB_CRS_SYNC, LCD_SEG35 - - 37 F6 63 E12 PC6 I/O FT - TIM22_CH1, LCD_SEG24, TIM3_CH1, TSC_G8_IO1 - - 38 E7 64 E11 PC7 I/O FT - TIM22_CH2, LCD_SEG25, TIM3_CH2, TSC_G8_IO2 - - 39 E8 65 E10 PC8 I/O FT - TIM22_ETR, LCD_SEG26, TIM3_CH3, TSC_G8_IO3 - - 40 D8 66 D12 PC9 I/O FTf - TIM21_ETR, LCD_SEG27, USB_OE/TIM3_CH4, TSC_G8_IO4, I2C3_SDA - 29 41 D7 67 D11 PA8 I/O FTf - MCO, LCD_COM0, USB_CRS_SYNC, EVENTOUT, USART1_CK, I2C3_SCL - 30 42 C7 68 D10 PA9 I/O FTf - MCO, LCD_COM1, TSC_G4_IO1, USART1_TX, I2C1_SCL, I2C3_SMBA - 31 43 C6 69 C12 PA10 I/O FTf - LCD_COM2, TSC_G4_IO2, USART1_RX, I2C1_SDA - 32 44 C8 70 B12 PA11 I/O FT (2) SPI1_MISO, EVENTOUT, TSC_G4_IO3, USART1_CTS, COMP1_OUT USB_DM Table 16. STM32L083xx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |