データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MBR1040CTD データシート(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

部品番号 MBR1040CTD
部品情報  10 AMPERES SCHOTTKY BARRIER RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DYELEC [DIYI Electronic Technology Co., Ltd.]
ホームページ  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

MBR1040CTD データシート(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  MBR1040CTD Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. MBR1040CTD Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. MBR1040CTD Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR1040CT
D~MBR10200CTD
TO-220AB
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-
0.
Flame Retardant Epoxy Molding Compound.
• Metal silicon junction, majority carrier conduction
• Low power loss, high efficiency.
• High current capability
• Guardring for overvlotage protection
• For use in low voltage, high frequency inverters
free wheeling, and polarlity protection applications.
Lead free in comply with EU RoHS.
MECHANICAL DATA
• Case: TO-220AB molded plastic
• Terminals: solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Mounting Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
PARAMETER
SYMBOL
MBR
1040CT
D
MBR
1045CT
D
MBR
1050CT
D
MBR
1060CT
D
MBR
1080CT
D
MBR
1090CT
D
MBR
10100CT
D
MBR
10150CT
D
MBR
10200CT
D UNITS
Maxi mum Recurrent Peak Reverse Voltage
VRRM
4 0
4 5
5 0
6 0
8 0
9 0
100
150
200
V
Maxi mum RMS Voltage
VRMS
2 8
31.5
3 5
4 2
5 6
6 3
7 0
105
140
V
Maxi mum DC Blocking Voltage
VDC
4 0
4 5
5 0
6 0
8 0
9 0
100
150
200
V
Maxi mum Avera ge F or w ar d Current (See fi g.1)
IF(AV)
1 0
A
Peak F or w ar d Surge Current : 8. 3 m s single half sine-
wave su peri m pos ed on rat ed lo ad (JE DEC metho d)
IFSM
1
10
A
Maxi mum F or w ar d V ol t ag e at 5A , per leg
VF
0.7
0 .8
0.85
0.92
V
Maxi mum DC Re verse Curr ent at Ra ted DC
T =25 OC
Blocki ng Voltage
T =125 OC
IR
0.
05
20
mA
Typical Thermal Resista nce
RΘ JC
3
OC / W
Operati ng and Storage Juncti on Temperature Range
TJ,TSTG
-55 to + 150
-55 to + 175
OC
VOLTAGE
40 to 200 Volts
CURRENT
10 Amperes
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
DEC.2014-REV.01
PAGE . 1
1
00
0.
02
20
www.
dyelec.com


同様の部品番号 - MBR1040CTD

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
MBR1040CT DIODES-MBR1040CT Datasheet
64Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS30027 Rev. A-2
logo
Micro Commercial Compon...
MBR1040CT MCC-MBR1040CT Datasheet
647Kb / 2P
10 Am p Schott ky Barrier Rectifier 30-60 Volts
logo
Diodes Incorporated
MBR1040CT DIODES-MBR1040CT Datasheet
77Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS30027 Rev. 2 - 2
logo
Taiwan Semiconductor Co...
MBR1040CT TSC-MBR1040CT Datasheet
99Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
logo
Pan Jit International I...
MBR1040CT PANJIT-MBR1040CT Datasheet
430Kb / 2P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results

同様の説明 - MBR1040CTD

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
MBR1020 PANJIT-MBR1020 Datasheet
425Kb / 2P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR1020CT PANJIT-MBR1020CT Datasheet
430Kb / 2P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR1040 PANJIT-MBR1040 Datasheet
85Kb / 2P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR1040CT PANJIT-MBR1040CT Datasheet
89Kb / 2P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR1040F PANJIT-MBR1040F Datasheet
96Kb / 2P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
MBRF1040 DYELEC-MBRF1040 Datasheet
924Kb / 3P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBRF1040CTD DYELEC-MBRF1040CTD Datasheet
639Kb / 3P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR1040 PANJIT-MBR1040_16 Datasheet
317Kb / 5P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR1040CT PANJIT-MBR1040CT_17 Datasheet
180Kb / 4P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR1040F PANJIT-MBR1040F_16 Datasheet
284Kb / 3P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com