| データシートサーチシステム |
|
LM2825 データシート(PDF) 9 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM2825 データシート(HTML) 9 Page - National Semiconductor (TI) |
|
9 / 12 page ![]() Application Information (Continued) OUTPUT CURRENT DERATING FOR T J = −40˚C to −25˚C AND TJ = −25˚C to 0˚C At the lower temperature extremes, the switch current limit drops off sharply. As a result, a lower output current is available in this temperature range. See Figure 6 and Figure 7 for the typical available output current at these temperature ranges. DS012661-32 FIGURE 6. LM2825 Output Current Derating for T J = −40˚C to −25˚C DS012661-33 FIGURE 7. LM2825 Output Current Derating for T J = −25˚C to 0˚C 9 www.national.com |