| データシートサーチシステム |
|
9159 データシート(PDF) 21 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
9159 データシート(HTML) 21 Page - AVX Corporation |
|
21 / 63 page ![]() 19 SSL - Horizontal Socket Series 9159 SOCKET 2 WAY 2 PART PCB STRIP CONNECTOR NOTES: 1. FOR MORE INFORMATION REFER TO PRODUCT SPEC 201-01-119. 2. DIMENSIONS ARE REFERENCE DIMENSIONS UNLESS TOLERANCES. 3. INSULATOR MATERIAL: NYLON 46. COLOR REFER TO PAGE 18. 4. CONTACT MATERIAL: COPPER ALLOY, GOLD OVER NICKEL. 5. BRACKETS: COPPER ALLOY, TIN PLATED. 6. OUTLINE OF CONNECTOR. 7. PACKING TAPE AND REEL, QUANTITY 1400 PER REEL. 2 WAY PCB BOARD LAYOUT PACKING DETAILS |