| データシートサーチシステム |
|
XC910607 データシート(PDF) 2 Page - Torex Semiconductor |
|
|
|||||||||||||||||||||||||||||
XC910607 データシート(HTML) 2 Page - Torex Semiconductor |
|
2 / 7 page ![]() Preliminary Pin Configuration Pin Assignment Ordering Information XC9107 Series: PWM/PFM automatic switching control XC9106 Series: PWM Control (Ordering information is the same as XC9106 Series) Reference Voltage (apply external) Fixed : 00 Oscillation Frequency: 300kHz 100kHz Package: SOT-25 (1 reel = 3000 pcs.) USP-6B (1 reel = 3000 pcs.) Embossed Tape: Standard Feed Reverse Feed Block Diagram Absolute Maximum Ratings Ta = 25OC 2 FUNCTION Ground GND FB VDD mW O C Storage Temperature RATINGS UNITS V V -0.3 ~ 12.0 -0.3 ~ 12.0 SOT-25 USP-6B -0.3 ~ 12.0 V Tstg O C -55 ~ +125 VDD FB VCE / Vref -0.3 ~ VDD + 0.3 mA Topr VEXT IEXT/ ±100 150 100 -40 ~ +85 V Pd SYMBOL R L 5 M 1 4 D Supply Voltage NC No Connection 3 5 PIN NAME XC9107D 12345 Output Resistor Connection External Transistor Connection EXT 2 6 2 SOT-25 USP-6B XC9106 / 07 Series PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters XC9106D 12345 -5 34 4 12 EXT pin Current Power Dissipation Externally Applied Reference Voltage (Vref) Serves as both Chip Enable pin and Reference Voltage Apply pin. CE/ Vref 3 3 1 PIN NUMBER 1 Operating Ambient Temperature PARAMETER VDD pin Voltage FB pin Voltage CE / Vref pin Voltage EXT pin Voltage SOT-25 (TOP VIEW ) 12 3 4 5 6 5 4 1 2 3 USP-6B (TOP VIEW) Ramp Wave Generator, OSC Current Ripple Detect and FB PWM/PFM Controller Phase Compensation Vref with Soft Start, CE Buffer, Driver Error Amp. PWM Comparator FB VDD EXT GND CE / Vref FB, CE : CMOS INPUT EXT : CMOS OUTPUT |