| データシートサーチシステム |
|
TL431ZP データシート(PDF) 2 Page - IK Semicon Co., Ltd |
|
|
|||||||||||||||||||||||||||||
TL431ZP データシート(HTML) 2 Page - IK Semicon Co., Ltd |
|
2 / 13 page TL431Z 2011, January, rev. 03 Symbol Functional Block Diagram Equivalent Schematic ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified) Characteristic Symbol Value Unit Cathode Voltage VKA 44 V Cathode Current Range (Continuous) IK -100 ~ 150 mA Reference Input Current Range IREF 0.05 ~ 10 mA Power Dissipation at 25 oC: TO – 92 Package (RθJA = 178 oC/W) SOT Package (RθJA = 625 oC/W) PD 0.7 0.2 W W Junction Temperature Range TJ 0 ~ 150 oC Operating Temperature Range Tg -40 ~ 125 oC Storage Temperature Range Tstg -65 ~ 150 oC * Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. RECOMMENDED OPERATING CONDITIONS Characteristic Symbol Min Typ Max Unit Cathode to Anode Voltage VKA VREF 40 V Cathode Current IK 0.5 100 mA |