| データシートサーチシステム |
|
LMSD103A データシート(PDF) 2 Page - SUNMATE electronic Co., LTD |
|
|
|||||||||||||||||||||||||||||
LMSD103A データシート(HTML) 2 Page - SUNMATE electronic Co., LTD |
|
2 / 2 page ![]() 0 100 200 500 025 50 75 125 150 T , AMBIENT TEMPERATURE (°C) A Fig.1 Power Derating Curve 100 300 400 0.01 0.1 1 0.001 0.0001 0 800 600 400 200 1000 V , INSTANTANEOUS FORWARD VOLTAGE (mV) F Fig. 2 Typical Forward Characteristics T = 25 °C A T= 75 °C A T = 125 °C A T = 0 °C A T = -40 °C A 0.01 0.1 1 10 100 1000 0 5 10 15 35 30 25 20 V , INSTANTANEOUS REVERSE VOLTAGE (V) R Fig.3 Typical Reverse Characteristics T = 125°C A T = 75°C A T = 25°C A T = 0°C A T = -40°C A 40 0 10 5 15 25 20 30 0 10 20 30 40 V , REVERSE VOLTAGE (V) R Fig. 4 Typ. Total Capacitance vs. Reverse Voltage f = 1.0MHz www.sunmate.tw 2 of 2 |