データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8AF5286UDX データシート(PDF) 124 Page - STMicroelectronics

部品番号 STM8AF5286UDX
部品情報  Automotive 8-bit MCU, with up to 128 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF5286UDX データシート(HTML) 124 Page - STMicroelectronics

Back Button STM8AF5286UDX Datasheet HTML 117Page - STMicroelectronics STM8AF5286UDX Datasheet HTML 118Page - STMicroelectronics STM8AF5286UDX Datasheet HTML 119Page - STMicroelectronics STM8AF5286UDX Datasheet HTML 120Page - STMicroelectronics STM8AF5286UDX Datasheet HTML 121Page - STMicroelectronics STM8AF5286UDX Datasheet HTML 122Page - STMicroelectronics STM8AF5286UDX Datasheet HTML 123Page - STMicroelectronics STM8AF5286UDX Datasheet HTML 124Page - STMicroelectronics STM8AF5286UDX Datasheet HTML 125Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 124 / 125 page
background image
Revision history
STM8AF526x/8x/Ax STM8AF6269/8x/Ax
124/125
DocID14395 Rev 15
13-Oct-2016
14
Updated:
– Title of Figure 7: STM8AF52x6 VFQFPN32 32-pin pinout,
(previously STM8AF5286UC VFQFPN32 32-pin pinout)
– Footnotes of Figure 60: STM8AF526x/8x/Ax and
STM8AF6269/8x/Ax ordering information scheme1
– Table 11: STM8AF526x/8x/Ax and STM8AF6269/8x/Ax pin
description replaced “STM8AF5286UC VQFPN32” with
“STM8AF52x6 VQFPN32” at header row
– Section 10.2: Absolute maximum ratings
– Section : Device marking on page 93
– Section : Device marking on page 96
– Section : Device marking on page 99
– Section : Device marking on page 104
– Section : Device marking on page 108
Added:
– Footnote on Figure 47: LQFP80 marking example (package top
view), Figure 50: LQFP64 marking example (package top view),
Figure 56: LQFP32 marking example (package top view),
Figure 59: VFQFPN32 marking example (package top view).
10-Nov-2016
15
Updated header row and PA6/USART_CK pin row on Table 11:
STM8AF526x/8x/Ax and STM8AF6269/8x/Ax pin description.
Table 55. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More