データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8AL3166 データシート(PDF) 36 Page - STMicroelectronics

部品番号 STM8AL3166
部品情報  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3166 データシート(HTML) 36 Page - STMicroelectronics

Back Button STM8AL3166 Datasheet HTML 32Page - STMicroelectronics STM8AL3166 Datasheet HTML 33Page - STMicroelectronics STM8AL3166 Datasheet HTML 34Page - STMicroelectronics STM8AL3166 Datasheet HTML 35Page - STMicroelectronics STM8AL3166 Datasheet HTML 36Page - STMicroelectronics STM8AL3166 Datasheet HTML 37Page - STMicroelectronics STM8AL3166 Datasheet HTML 38Page - STMicroelectronics STM8AL3166 Datasheet HTML 39Page - STMicroelectronics STM8AL3166 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 124 page
background image
Memory and register map
STM8AL313x/4x/6x STM8AL3L4x/6x
36/124
DocID18474 Rev 7
5
Memory and register map
5.1
Memory mapping
The memory map is shown in Figure 9.
Figure 9. Memory map
1. Table 6 lists the boundary addresses for each memory size. The top of the stack is at the RAM end
address.
2. The VREFINT_Factory_CONV byte represents the LSB of the VREFINT 12-bit ADC conversion result. The
MSB have a fixed value: 0x6.
3. The TS_Factory_CONV_V125 byte represents the LSB of the V125 12-bit ADC conversion result. The MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More