| データシートサーチシステム |
|
STM8AL3L68 データシート(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AL3L68 データシート(HTML) 32 Page - STMicroelectronics |
|
32 / 124 page ![]() Pin description STM8AL313x/4x/6x STM8AL3L4x/6x 32/124 DocID18474 Rev 7 20 - - PD0/TIM3_CH2/ [ADC1_TRIG](4)/ LCD_SEG7(2)/ADC1_IN2 2/COMP2_INP/ COMP1_INP I/O TT(3) X X X HS X X Port D0 Timer 3 - channel 2 / [ADC1_Trigger] / LCD segment 7 / ADC1_IN22 / Comparator 2 positive input / Comparator 1 positive input -9 9 PD0/TIM3_CH2/ [ADC1_TRIG](4)/ ADC1_IN22/COMP2_INP / COMP1_INP I/O TT(3) X XX HS X X Port D0(8) Timer 3 - channel 2 / [ADC1_Trigger] / ADC1_IN22 / Comparator 2 positive input / Comparator 1 positive input 21 - - PD1/TIM3_ETR/ LCD_COM3(2)/ ADC1_IN21/COMP2_INP / COMP1_INP I/O TT(3) X X X HS X X Port D1 Timer 3 - trigger / LCD_COM3 / ADC1_IN21 / Comparator 2 positive input / Comparator 1 positive input -10 10 PD1/TIM1_CH3N/ [TIM3_ETR](4)/ LCD_COM3(2)/ ADC1_IN21/COMP2_INP / COMP1_INP I/O TT(3) X X X HS X X Port D1 [Timer 3 - trigger]/ TIM1 inverted channel 3 / LCD_COM3/ ADC1_IN21 / Comparator 2 positive input / Comparator 1 positive input 22 11 11 PD2/TIM1_CH1 /LCD_SEG8(2)/ ADC1_IN20/COMP1_INP I/O TT(3) X X X HS X X Port D2 Timer 1 - channel 1 / LCD segment 8 / ADC1_IN20 / Comparator 1 positive input 23 12 12 PD3/ TIM1_ETR/ LCD_SEG9(2)/ADC1_IN1 9/COMP1_INP I/O TT(3) X X X HS X X Port D3 Timer 1 - trigger / LCD segment 9 / ADC1_IN19 / Comparator 1 positive input 33 21 21 PD4/TIM1_CH2 /LCD_SEG18(2)/ ADC1_IN10/COMP1_INP I/O TT(3) X X X HS X X Port D4 Timer 1 - channel 2 / LCD segment 18 / ADC1_IN10/ Comparator 1 positive input Table 5. Medium-density STM8AL313x/4x/6x and STM8AL3L4x/6x pin description (continued) Pin number Pin name Input Output Default alternate function |