| データシートサーチシステム |
|
STM8S903K3 データシート(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S903K3 データシート(HTML) 49 Page - STMicroelectronics |
|
49 / 121 page ![]() DocID15590 Rev 10 49/121 STM8S903K3 STM8S903F3 Option bytes 50 11 PD2 TIM5_CH3 PC5 TIM5_CH1 PC6 TIM1_CH1 PC7 TIM1_CH2 PC2 TIM1_CH3N PC1 TIM1_CH2N PE5 TIM1_CH1N PA3 UART1_TX PF4 UART1_RX 1. Refer to STM8S903K3 pin description. Table 16. STM8S903F3 alternate function remapping bits [1:0] for 20-pin packages AFR1 option bit value AFR0 option bit value I/O port Alternate function mapping 00 AFR1 and AFR0 remapping options inactive: Default alternate functions(1) 1. Refer to STM8S903F3 pin descriptions. 01 PC5 TIM5_CH1 PC6 TIM1_CH1 PC7 TIM1_CH2 10 PA3 SPI_NSS PD2 TIM5_CH3 11 PD2 TIM5_CH3 PC5 TIM5_CH1 PC6 TIM1_CH1 PC7 TIM1_CH2 PC2 - PC1 - PE5 TIM1_CH1N PA3 UART1_TX PF4 UART1_RX Table 15. STM8S903K3 alternate function remapping bits [1:0] for 32-pin packages (continued) AFR1 option bit value AFR0 option bit value I/O port Alternate function mapping |