データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F334X4 データシート(PDF) 30 Page - STMicroelectronics

部品番号 STM32F334X4
部品情報  ARMCortex-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334X4 データシート(HTML) 30 Page - STMicroelectronics

Back Button STM32F334X4 Datasheet HTML 26Page - STMicroelectronics STM32F334X4 Datasheet HTML 27Page - STMicroelectronics STM32F334X4 Datasheet HTML 28Page - STMicroelectronics STM32F334X4 Datasheet HTML 29Page - STMicroelectronics STM32F334X4 Datasheet HTML 30Page - STMicroelectronics STM32F334X4 Datasheet HTML 31Page - STMicroelectronics STM32F334X4 Datasheet HTML 32Page - STMicroelectronics STM32F334X4 Datasheet HTML 33Page - STMicroelectronics STM32F334X4 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 115 page
background image
Functional overview
STM32F334x4 STM32F334x6 STM32F334x8
30/115
DocID025409 Rev 5
3.19
Development support
3.19.1
Serial wire JTAG debug port (SWJ-DP)
The ARM SWJ-DP Interface is embedded, and is a combined JTAG and serial wire debug
port that enables either a serial wire debug or a JTAG probe to be connected to the target.
The JTAG TMS and TCK pins are shared respectively with SWDIO and SWCLK and a
specific sequence on the TMS pin is used to switch between JTAG-DP and SW-DP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More