| データシートサーチシステム |
|
STM32F334x8 データシート(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F334x8 データシート(HTML) 37 Page - STMicroelectronics |
|
37 / 115 page ![]() DocID025409 Rev 5 37/115 STM32F334x4 STM32F334x6 STM32F334x8 Pinout and pin descriptions 43 23 34 46 PA13 I/O FT JTMS/SWDAT, TIM16_CH1N, TSC_G4_IO3, IR_OUT, USART3_CTS, EVENTOUT - -35 47 VSS S - - - -36 48 VDD S - - - 24 37 49 PA14 I/O FTf JTCK/SWCLK, TSC_G4_IO4, I2C1_SDA, TIM1_BKIN, USART2_TX, EVENTOUT - 25 38 50 PA15 I/O FTf JTDI, TIM2_CH1/TIM2_ETR, TSC_SYNC, I2C1_SCL, SPI1_NSS, USART2_RX, TIM1_BKIN, HRTIM1_FLT2, EVENTOUT - - - 51 PC10 I/O FT EVENTOUT, USART3_TX - - - 52 PC11 I/O FT EVENTOUT, HRTIM1_EEV2, USART3_RX - - - 53 PC12 I/O FT EVENTOUT, HRTIM1_EEV1, USART3_CK - - - 54 PD2 I/O FT EVENTOUT, TIM3_ETR - 26 39 55 PB3 I/O FT JTDO/TRACE SWO, TIM2_CH2, TSC_G5_IO1, SPI1_SCK, USART2_TX, TIM3_ETR, HRTIM1_SCOUT, HRTIM1_EEV9, EVENTOUT - 27 40 56 PB4 I/O FT NJTRST, TIM16_CH1, TIM3_CH1, TSC_G5_IO2, SPI1_MISO, USART2_RX, TIM17_BKIN, HRTIM1_EEV7, EVENTOUT - Table 13. STM32F334x4/6/8 pin definitions (continued) Pin Number Pin name (function after reset) Pin functions LQFP 32 LQFP 48 LQFP 64 Alternate functions Additional functions |