データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STWLC04JR データシート(PDF) 3 Page - STMicroelectronics

部品番号 STWLC04JR
部品情報  Qi based, 1 W optimized wireless power receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC04JR データシート(HTML) 3 Page - STMicroelectronics

  STWLC04JR Datasheet HTML 1Page - STMicroelectronics STWLC04JR Datasheet HTML 2Page - STMicroelectronics STWLC04JR Datasheet HTML 3Page - STMicroelectronics STWLC04JR Datasheet HTML 4Page - STMicroelectronics STWLC04JR Datasheet HTML 5Page - STMicroelectronics STWLC04JR Datasheet HTML 6Page - STMicroelectronics STWLC04JR Datasheet HTML 7Page - STMicroelectronics STWLC04JR Datasheet HTML 8Page - STMicroelectronics STWLC04JR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
STWLC04
Introduction
DocID029626 Rev 2
3/18
1
Introduction
The STWLC04 is an advanced, integrated receiver IC for wireless power transceiver in
wearable applications optimized for 1 W. It works as a voltage source with regulated output
voltage, typically 5 V and can also be reconfigured into a simple battery charger mode
(CC/CV) to charge directly Li-Ion or Li-pol batteries. The STWLC04 can operate fully
autonomously or can be controlled through I2C by the host system. See the figure below.
Figure 1: Simplified block schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18