| データシートサーチシステム |
|
BTA08-600SWRG データシート(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BTA08-600SWRG データシート(HTML) 6 Page - STMicroelectronics |
|
6 / 11 page ![]() BTA08, BTB08 and T8 Series 6/11 Figure 13: Ordering Information Scheme (BTA08 and BTB08 series) Figure 14: Ordering Information Scheme (T8 series) Table 7: Product Selector Part Number Voltage (xxx) Sensitivity Type Package 600 V 800 V BTA/BTB08-xxxB X X 50 mA Standard TO-220AB BTA/BTB08-xxxBW X X 50 mA Snubberless TO-220AB BTA/BTB08-xxxC X X 25 mA Standard TO-220AB BTA/BTB08-xxxCW X X 35 mA Snubberless TO-220AB BTA/BTB08-xxxSW X X 10 mA Logic level TO-220AB BTA/BTB08-xxxTW X X 5 mA Logic Level TO-220AB T810-xxxG X X 10 mA Logic Level D2PAK T810-xxxH X X 10 mA Logic Level IPAK T835-xxxB X X 35 mA Snubberless DPAK T835-xxxG X X 35 mA Snubberless D2PAK T835-xxxH X X 35 mA Snubberless IPAK BTB: non insulated TO-220AB package BT A 08 - 600 BW (RG) Triac series Insulation Current Voltage Sensitivity and type Packing mode A = insulated B = non insulated 08 = 8A 600 = 600V 800 = 800V B = 50mA Standard BW = 50mA Snubberless C = 25mA Standard CW = 35mA RG = Tube Snubberless SW = 10mA Logic Level TW = 5mA Logic Level T 8 10 - 600 B (-TR) Triac series Sensitivity Voltage Package Packing mode Current 8 = 8A 10 = 10mA 35 = 35mA 600 = 600V 800 = 800V B = DPAK G = D PAK R = I PAK Blanck = Tube -TR = Tape & Reel 2 2 |