| データシートサーチシステム |
|
CDP6402DX データシート(PDF) 1 Page - Harris Corporation |
|
|
|||||||||||||||||||||||||||||
CDP6402DX データシート(HTML) 1 Page - Harris Corporation |
|
1 / 12 page ![]() SEMICONDUCT OR 5-74 Features • Low Power CMOS Circuitry. . . . . . . . . . 7.5mW (Typ) at 3.2MHz (Max Freq.) at VDD = 5V • Baud Rate - DC to 200K Bits/s (Max) at. . . . . . . . . . . . . . 5V, 85oC - DC to 400K Bits/s (Max) at. . . . . . . . . . . . . . 10V, 85oC • 4V to 10.5 Operation • Automatic Data Formatting and Status Generation • Fully Programmable with Externally Selectable Word Length (5 - 8 Bits), Parity Inhibit, Even/Odd Parity, and 1, 1-1/2, or 2 Stop Bits • Operating Temperature Range - CDP6402D, CD . . . . . . . . . . . . . . . . . -55oC to +125oC - CDP6402E, CE . . . . . . . . . . . . . . . . . . -40oC to +85oC • Replaces Industry Type IM6402 and Compatible with HD6402 Description The CDP6402 and CDP6402C are silicon gate CMOS Universal Asynchronous Receiver/Transmitter (UART) circuits for interfacing computers or microprocessors to asynchronous serial data channels. They are designed to provide the necessary formatting and control for interfacing between serial and parallel data channels. The receiver converts serial start, data, parity, and stop bits to parallel data verifying proper code transmission, parity and stop bits. The transmitter converts parallel data into serial form and automatically adds start parity and stop bits. The data word can be 5, 6, 7 or 8 bits in length. Parity may be odd, even or inhibited. Stop bits can be 1, 1-1/2, or 2 (when transmitting 5-bit code). The CDP6402 and CDP6402C can be used in a wide range of applications including modems, printers, peripherals, video terminals, remote data acquisition systems, and serial data links for distributed processing systems. The CDP6402 and CDP6402C are functionally identical. They differ in that the CDP6402 has a recommended operating voltage range of 4V to 10.5V, and the CDP6402C has a recommended operating voltage range of 4V to 6.5V. Pinout (40 LEAD PDIP, SBDIP) TOP VIEW Ordering Information PACK- AGE TEMP. RANGE 5V/200K BAUD 10V/400K BAUD PKG. NO. PDIP -40oC to +85oC CDP6402CE CDP6402E E40.6 Burn-In CDP6402CEX - SBDIP -40oC to +85oC CDP6402CD CDP6402D D40.6 Burn-In CDP6402CDX CDP6402DX 13 1 2 3 4 5 6 7 8 9 10 11 12 14 15 16 17 18 19 20 VDD NC GND RRD RBR8 RBR7 RBR6 RBR5 RBR4 RBR3 RBR2 RBR1 PE FE OE SFD RRC DRR DR RRI 28 40 39 38 37 36 35 34 33 32 31 30 29 27 26 25 24 23 22 21 TRC EPE CLS1 CLS2 SBS PI CRL TBR8 TBR7 TBR6 TBR5 TBR4 TBR3 TBR2 TBR1 TRO TRE TBRL TBRE MR August 1996 CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures. Copyright © Harris Corporation 1996 CDP6402, CDP6402C CMOS Universal Asynchronous Receiver/Transmitter (UART) File Number 1328.2 |
同様の部品番号 - CDP6402DX |
|
同様の説明 - CDP6402DX |