| データシートサーチシステム |
|
STM8AL3L8x データシート(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AL3L8x データシート(HTML) 54 Page - STMicroelectronics |
|
54 / 131 page ![]() Memory and register map STM8AL318x STM8AL3L8x 54/131 DocID027179 Rev 6 0x00 53C8 to 0x00 53DF Reserved area 0x00 53E0 USART2 USART2_SR USART2 status register 0xC0 0x00 53E1 USART2_DR USART2 data register 0xXX 0x00 53E2 USART2_BRR1 USART2 baud rate register 1 0x00 0x00 53E3 USART2_BRR2 USART2 baud rate register 2 0x00 0x00 53E4 USART2_CR1 USART2 control register 1 0x00 0x00 53E5 USART2_CR2 USART2 control register 2 0x00 0x00 53E6 USART2_CR3 USART2 control register 3 0x00 0x00 53E7 USART2_CR4 USART2 control register 4 0x00 0x00 53E8 USART2_CR5 USART2 control register 5 0x00 0x00 53E9 USART2_GTR USART2 guard time register 0x00 0x00 53EA USART2_PSCR USART2 prescaler register 0x00 0x00 53EB to 0x00 53EF Reserved area 0x00 53F0 USART3 USART3_SR USART3 status register 0xC0 0x00 53F1 USART3_DR USART3 data register 0xXX 0x00 53F2 USART3_BRR1 USART3 baud rate register 1 0x00 0x00 53F3 USART3_BRR2 USART3 baud rate register 2 0x00 0x00 53F4 USART3_CR1 USART3 control register 1 0x00 0x00 53F5 USART3_CR2 USART3 control register 2 0x00 0x00 53F6 USART3_CR3 USART3 control register 3 0x00 0x00 53F7 USART3_CR4 USART3 control register 4 0x00 0x00 53F8 USART3_CR5 USART3 control register 5 0x00 0x00 53F9 USART3_GTR USART3 guard time register 0x00 0x00 53FA USART3_PSCR USART3 prescaler register 0x00 0x00 53FB to 0x00 53FF Reserved area Table 9. General hardware register map (continued) Address Block Register label Register name Reset status |