| データシートサーチシステム |
|
STM32F412RE データシート(PDF) 99 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F412RE データシート(HTML) 99 Page - STMicroelectronics |
|
99 / 193 page ![]() DocID028087 Rev 4 99/193 STM32F412xE/G Electrical characteristics 161 6.3.7 Wakeup time from low-power modes The wakeup times given in Table 37 are measured starting from the wakeup event trigger up to the first instruction executed by the CPU: • For Stop or Sleep modes: the wakeup event is WFE. • WKUP (PA0/PC0/PC1) pins are used to wakeup from Standby, Stop and Sleep modes. APB2 AHB-APB2 bridge 0.09 0.07 0.08 µA/MHz TIM1 6.83 6.46 5.81 TIM8 6.63 6.29 5.63 USART1 3.31 3.11 2.80 USART6 3.21 3.02 2.73 ADC1 3.51 3.31 2.98 SDIO 3.74 3.51 3.17 SPI1 1.47 1.36 1.23 SPI4 1.56 1.45 1.31 SYSCFG 0.54 0.49 0.45 TIM9 3.09 2.92 2.63 TIM10 1.91 1.79 1.61 TIM11 1.93 1.81 1.64 SPI5 1.54 1.44 1.30 DFSDM1 4.25 4.02 3.61 Bus Matrix 3.23 3.06 2.73 1. N is the number of stream enable (1...8). Table 36. Peripheral current consumption (continued) Peripheral IDD (Typ) Unit Scale 1 Scale 2 Scale 3 |