| データシートサーチシステム |
|
STM32F401CCU6 データシート(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F401CCU6 データシート(HTML) 66 Page - STMicroelectronics |
|
66 / 135 page ![]() DocID024738 Rev 6 66/135 STM32F401xB STM32F401xC Electrical characteristics 113 . Table 23. Typical and maximum current consumption in run mode, code with data processing (ART accelerator enabled except prefetch) running from Flash memory - VDD = 3.3 V Symbol Parameter Conditions fHCLK (MHz) Typ Max(1) Unit TA = 25 °C TA = 85 °C TA = 105 °C IDD Supply current in Run mode External clock, all peripherals enabled(2)(3) 84 22.5 23 24 25 mA 60 14.8 16 17 18 40 11.0 12 13 14 30 8.9 10 11 12 20 7.3 8 9 10 External clock, all peripherals disabled(3) 84 11.8 13 14 15 60 7.9 9 10 11 40 5.8 7 8 9 30 4.8 6 7 8 20 4.0 5 6 7 1. Guaranteed by characterization, unless otherwise specified. 2. Add an additional power consumption of 1.6 mA per ADC for the analog part. In applications, this consumption occurs only while the ADC is ON (ADON bit is set in the ADC_CR2 register). 3. When the ADC is ON (ADON bit set in the ADC_CR2), add an additional power consumption of 1.6mA per ADC for the analog part. Table 24. Typical and maximum current consumption in run mode, code with data processing (ART accelerator disabled) running from Flash memory Symbol Parameter Conditions fHCLK (MHz) Typ Max(1) Unit TA = 25 °C TA = 85 °C TA = 105 °C IDD Supply current in Run mode External clock, all peripherals enabled(2)(3) 84 30.6 32 34 35 mA 60 21.4 22 24 25 40 15.6 16 17 18 30 12.7 13 14 15 20 10.0 11 12 13 External clock, all peripherals disabled(3) 84 19.9 21 23 25 60 14.6 15 16 17 40 10.4 11 12 13 30 8.6 9 10 11 20 6.7 7 8 9 1. Guaranteed by characterization, unless otherwise specified. 2. Add an additional power consumption of 1.6 mA per ADC for the analog part. In applications, this consumption occurs only while the ADC is ON (ADON bit is set in the ADC_CR2 register). 3. When the ADC is ON (ADON bit set in the ADC_CR2), add an additional power consumption of 1.6mA per ADC for the analog part. |