| データシートサーチシステム |
|
STM32F446RC データシート(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F446RC データシート(HTML) 77 Page - STMicroelectronics |
|
77 / 202 page ![]() DocID027107 Rev 6 77/202 STM32F446xC/E Electrical characteristics 175 VDD Standard operating voltage - 1.7(2) -3.6 V VDDA(3)(4) Analog operating voltage (ADC limited to 1.2 M samples) Must be the same potential as VDD(5) 1.7(2) -2.4 Analog operating voltage (ADC limited to 2.4 M samples) 2.4 - 3.6 VBAT Backup operating voltage - 1.65 - 3.6 VDDUSB USB supply voltage (supply voltage for PA11,PA12, PB14 and PB15 pins) USB not used 1.7 - 3.6 USB used 3 - 3.6 V12 Regulator ON: 1.2 V internal voltage on VCAP_1/VCAP_2 pins Power Scale 3 ((VOS[1:0] bits in PWR_CR register = 0x01), 120 MHz HCLK max frequency 1.08 1.14 1.20 Power Scale 2 ((VOS[1:0] bits in PWR_CR register = 0x10), 144 MHz HCLK max frequency with over-drive OFF or 168 MHz with over-drive ON 1.20 1.26 1.32 Power Scale 1 ((VOS[1:0] bits in PWR_CR register = 0x11), 168 MHz HCLK max frequency with over-drive OFF or 180 MHz with over-drive ON 1.26 1.32 1.40 Regulator OFF: 1.2 V external voltage must be supplied from external regulator on VCAP_1/VCAP_2 pins(6) Max frequency 120 MHz 1.10 1.14 1.20 Max frequency 144 MHz 1.20 1.26 1.32 Max frequency 168 MHz 1.26 1.32 1.38 VIN Input voltage on RST, FTf and FT pins(7) 2 V ≤VDD ≤3.6 V –0.3 - 5.5 V 1.7 V ≤ VDD ≤ 2 V –0.3 - 5.2 Input voltage on TTa pins - –0.3 - VDDA+0.3 Input voltage on BOOT0 pin - 0 - 9 PD Power dissipation at TA = 85 °C for suffix 6 or TA = 105 °C for suffix 7(8) LQFP64 - - 345 mW WLCSP81 - - 417 LQFP100 - - 476 LQFP 144 - - 606 UFBGA144 (7x7) - - 392 UFBGA144(10x10) - - 417 TA Ambient temperature for 6 suffix version Maximum power dissipation –40 - 85 °C Low power dissipation(9) –40 - 105 Ambient temperature for 7 suffix version Maximum power dissipation –40 - 105 °C Low power dissipation(9) –40 - 125 TJ Junction temperature range 6 suffix version –40 - 105 °C 7 suffix version –40 - 125 Table 16. General operating conditions (continued) Symbol Parameter Conditions(1) Min Typ Max Unit |