データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F446RE データシート(PDF) 60 Page - STMicroelectronics

部品番号 STM32F446RE
部品情報  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446RE データシート(HTML) 60 Page - STMicroelectronics

Back Button STM32F446RE Datasheet HTML 56Page - STMicroelectronics STM32F446RE Datasheet HTML 57Page - STMicroelectronics STM32F446RE Datasheet HTML 58Page - STMicroelectronics STM32F446RE Datasheet HTML 59Page - STMicroelectronics STM32F446RE Datasheet HTML 60Page - STMicroelectronics STM32F446RE Datasheet HTML 61Page - STMicroelectronics STM32F446RE Datasheet HTML 62Page - STMicroelectronics STM32F446RE Datasheet HTML 63Page - STMicroelectronics STM32F446RE Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 202 page
background image
Port B
PB0
-
TIM1_CH2N
TIM3_CH3
TIM8_
CH2N
--
-
SPI3_MOS
I/
I2S3_SD
UART4_
CTS
-
OTG_HS_
ULPI_D1
-SDIO_D1
-
-
EVENT
OUT
PB1
-
TIM1_CH3N
TIM3_CH4
TIM8_
CH3N
--
-
-
-
-
OTG_HS_
ULPI_D2
-SDIO_D2
-
-
EVENT
OUT
PB2
-
TIM2_CH4
-
-
-
-
SAI1_
SD_A
SPI3_MOS
I/
I2S3_SD
-
QUADSPI_
CLK
OTG_HS_
ULPI_D4
-
SDIO_CK
-
-
EVENT
OUT
PB3
JTDO/
TRACES
WO
TIM2_CH2
-
-
I2C2_
SDA
SPI1_SCK
/I2S1_CK
SPI3_SCK
/
I2S3_CK
--
-
-
-
-
-
-
EVENT
OUT
PB4
NJTRST
-
TIM3_CH1
-
I2C3_
SDA
SPI1_MISO
SPI3_
MISO
SPI2_NSS/
I2S2_WS
--
-
-
-
-
-
EVENT
OUT
PB5
-
-
TIM3_CH2
-
I2C1_
SMBA
SPI1_MOSI
/I2S1_SD
SPI3_
MOSI/
I2S3_SD
-
-
CAN2_RX
OTG_HS_
ULPI_D7
-
FMC_
SDCKE1
DCMI_
D10
-
EVENT
OUT
PB6
-
-
TIM4_CH1
HDMI_
CEC
I2C1_
SCL
--
USART1_
TX
-CAN2_TX
QUADSPI_
BK1_NCS
-
FMC_
SDNE1
DCMI_D5
-
EVENT
OUT
PB7
-
-
TIM4_CH2
-
I2C1_
SDA
--
USART1_
RX
SPDIF_
RX0
--
-
FMC_NL
DCMI_
VSYNC
-
EVENT
OUT
PB8
-
TIM2_CH1/
TIM2_ETR
TIM4_CH3
TIM10_
CH1
I2C1_
SCL
-
-
-
-
CAN1_RX
-
-
SDIO_D4
DCMI_D6
-
EVENT
OUT
PB9
-
TIM2_
CH2
TIM4_CH4
TIM11_
CH1
I2C1_
SDA
SPI2_NSS/
I2S2_WS
SAI1_
FS_B
-
-
CAN1_TX
-
-
SDIO_D5
DCMI_D7
-
EVENT
OUT
PB10
-
TIM2_CH3
-
-
I2C2_
SCL
SPI2_SCK/
I2S2_CK
SAI1_
SCK_A
USART3_
TX
--
OTG_HS_
ULPI_D3
--
-
-
EVENT
OUT
PB11
-
TIM2_CH4
-
-
I2C2_
SDA
--
USART3_
RX
SAI2_
SD_A
--
-
-
-
-
EVENT
OUT
PB12
-
TIM1_BKIN
-
-
I2C2_
SMBA
SPI2_NSS/
I2S2_WS
SAI1_
SCK_B
USART3_
CK
-CAN2_RX
OTG_HS_
ULPI_D5
-
OTG_
HS_ID
--
EVENT
OUT
PB13
-
TIM1_CH1N
-
-
-
SPI2_SCK/
I2S2_CK
-
USART3_
CTS
-CAN2_TX
OTG_HS_
ULPI_D6
--
-
-
EVENT
OUT
PB14
-
TIM1_CH2N
-
TIM8_
CH2N
-SPI2_MISO
-
USART3_
RTS
-
TIM12_CH1
-
-
OTG_
HS_DM
--
EVENT
OUT
PB15
RTC_
REFIN
TIM1_CH3N
-
TIM8_
CH3N
-
SPI2_MOSI
/I2S2_SD
-
-
-
TIM12_CH2
-
-
OTG_
HS_DP
--
EVENT
OUT
Table 11. Alternate function (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/
10/11/
CEC
I2C1/2/3
/4/CEC
SPI1/2/3/
4
SPI2/3/4/
SAI1
SPI2/3/
USART1/
2/3/UART
5/SPDIFR
X
SAI/
USART6/
UART4/5/
SPDIFRX
CAN1/2
TIM12/13/
14/
QUADSPI
SAI2/
QUADSPI/
OTG2_HS/
OTG1_FS
OTG1_FS
FMC/
SDIO/
OTG2_FS
DCMI
-
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More