| データシートサーチシステム |
|
STM32F446VC データシート(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F446VC データシート(HTML) 61 Page - STMicroelectronics |
|
61 / 202 page ![]() Port C PC0 - - - - - - SAI1_ MCLK_B -- - OTG_HS_ ULPI_STP - FMC_ SDNWE -- EVENT OUT PC1 - - - - - SPI3_MOSI /I2S3_SD SAI1_ SD_A SPI2_MOS I /I2S2_SD -- - - - - - EVENT OUT PC2 - - - - - SPI2_MISO - - - - OTG_HS_ ULPI_DIR - FMC_ SDNE0 -- EVENT OUT PC3 - - - - - SPI2_MOSI / I2S2_SD -- - - OTG_HS_ ULPI_NXT - FMC_ SDCKE0 -- EVENT OUT PC4 - - - - - I2S1_MCK - - SPDIF_ RX2 -- - FMC_ SDNE0 -- EVENT OUT PC5 - - - - - - - USART3_ RX SPDIF_ RX3 -- - FMC_ SDCKE0 -- EVENT OUT PC6 - - TIM3_CH1 TIM8_CH1 FMPI2C1 _SCL I2S2_MCK - - USART6_T X - - - SDIO_D6 DCMI_D0 - EVENT OUT PC7 - - TIM3_CH2 TIM8_CH2 FMPI2C1 _SDA SPI2_SCK/ I2S2_CK I2S3_MCK SPDIF_ RX1 USART6_R X - - - SDIO_D7 DCMI_D1 - EVENT OUT PC8 TRACE D0 - TIM3_CH3 TIM8_CH3 - - - UART5_ RTS USART6_C K - - - SDIO_D0 DCMI_D2 - EVENT OUT PC9 MCO2 - TIM3_CH4 TIM8_CH4 I2C3_ SDA I2S_CKIN - UART5_ CTS - QUADSPI_ BK1_IO0 - - SDIO_D1 DCMI_D3 - EVENT OUT PC10 -- - - -- SPI3_SCK / I2S3_CK USART3_ TX UART4_TX QUADSPI_ BK1_IO1 - - SDIO_D2 DCMI_D8 - EVENT OUT PC11 -- - - -- SPI3_ MISO USART3_ RX UART4_RX QUADSPI_ BK2_NCS - - SDIO_D3 DCMI_D4 - EVENT OUT PC12 - - - - I2C2_ SDA - SPI3_ MOSI/ I2S3_SD USART3_ CK UART5_TX - - - SDIO_CK DCMI_D9 - EVENT OUT PC13 -- - - -- - - - - - - - - - EVENT OUT PC14 -- - - -- - - - - - - - - - EVENT OUT PC15 -- - - -- - - - - - - - - - EVENT OUT Table 11. Alternate function (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS TIM1/2 TIM3/4/5 TIM8/9/ 10/11/ CEC I2C1/2/3 /4/CEC SPI1/2/3/ 4 SPI2/3/4/ SAI1 SPI2/3/ USART1/ 2/3/UART 5/SPDIFR X SAI/ USART6/ UART4/5/ SPDIFRX CAN1/2 TIM12/13/ 14/ QUADSPI SAI2/ QUADSPI/ OTG2_HS/ OTG1_FS OTG1_FS FMC/ SDIO/ OTG2_FS DCMI - SYS |