データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F427AI データシート(PDF) 70 Page - STMicroelectronics

部品番号 STM32F427AI
部品情報  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427AI データシート(HTML) 70 Page - STMicroelectronics

Back Button STM32F427AI Datasheet HTML 66Page - STMicroelectronics STM32F427AI Datasheet HTML 67Page - STMicroelectronics STM32F427AI Datasheet HTML 68Page - STMicroelectronics STM32F427AI Datasheet HTML 69Page - STMicroelectronics STM32F427AI Datasheet HTML 70Page - STMicroelectronics STM32F427AI Datasheet HTML 71Page - STMicroelectronics STM32F427AI Datasheet HTML 72Page - STMicroelectronics STM32F427AI Datasheet HTML 73Page - STMicroelectronics STM32F427AI Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 239 page
background image
Pinouts and pin description
STM32F427xx STM32F429xx
70/238
DocID024030 Rev 9
4. Main function after the first backup domain power-up. Later on, it depends on the contents of the RTC registers even after
reset (because these registers are not reset by the main reset). For details on how to manage these I/Os, refer to the RTC
register description sections in the STM32F4xx reference manual, available from the STMicroelectronics website:
www.st.com.
5. FT = 5 V tolerant except when in analog mode or oscillator mode (for PC14, PC15, PH0 and PH1).
6. If the device is delivered in an WLCSP143, UFBGA169, UFBGA176, LQFP176 or TFBGA216 package, and the
BYPASS_REG pin is set to VDD (Regulator OFF/internal reset ON mode), then PA0 is used as an internal Reset (active low).
7. PI0 and PI1 cannot be used for I2S2 full-duplex mode.
8. The DCMI_VSYNC alternate function on PG9 is only available on silicon revision 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More